PART |
Description |
Maker |
200-200-0000G |
Body : Brass Per Astm B16
|
Winchester Electronics Corp...
|
060-500-0859S |
ALL METAL PARTS: BRASS PER ASTM B16 INSULATOR: TEFLON PER ASTM D1710
|
Winchester Electronics Corp...
|
ZM330-Z ZM200X ZM200-Y ZM200-Z ZM220-Y ZM220-Z ZM2 |
RF/Coaxial Connector; RF Coax Type:N; Contact Termination:Clamp; Impedance:50ohm; Body Style:Straight Plug; RG Cable Type:8, 9, 213, 214; Body Material:Brass; Body Plating:Silver; Connector Retention Style:Clamp RoHS Compliant: Yes 1瓦表面贴装稳压二极管 Low Current Operation at 250??A???Low Reverse Leakage,Low Noise Zener Diode(250??A?・¥?????μ?μ?????°????????????μ?μ?????????a?£°???é???o3?o???????) RF/Coaxial Connector; RF Coax Type:N; Impedance:50ohm; Body Style:Panel Flanged Jack RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:N; Contact Termination:Clamp; Impedance:50ohm; Body Style:Straight Jack; RG Cable Type:8, 9, 87A, 144, 165, 213, 214, 216, 225; Body Material:Brass; Body Plating:Nickel RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:N; Impedance:50ohm; Body Style:Panel Flanged Receptacle; Body Material:Brass; Contact Plating:Silver; Series:N; Operating Temperature Range /-:65 C to 165 C; Voltage Rating:1500V RoHS Compliant: Yes N STR JACK,NICKEL PLATE,LMR240 RoHS Compliant: Yes 1WATT SURFACE MOUNT ZENER DIODE
|
Formosa Microsemi Co., Ltd. 美丽微半导体有限公司 FORMOSA[Formosa MS]
|
000-35025 |
BODY - BRASS, NICKEL PLATING
|
Amphenol Corporation
|
0734035116 |
50 Ohms, FAKRA SMB Jack, Right Angle, Through Hole, Brass Body
|
Molex Electronics Ltd.
|
1418E-3-12 1418E-113-12 1418G-00-12 1411B-5-12 141 |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL BRASS, TIN LEAD FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, BLACK OXIDE FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL
|
Ecliptek, Corp. Cinch Connectors WINCHESTER ELECTRONICS CORP
|
1447C-10-5 1446A-32-5 1446A-35-5 1485A-51-5 1465G- |
BRASS, GOLD FINISH, PCB TERMINAL BRASS, TIN FINISH, PCB TERMINAL BRASS, PCB TERMINAL BRASS, CADMIUM FINISH, PCB TERMINAL BRASS, SILVER FINISH, PCB TERMINAL BRASS, NICKEL FINISH, PCB TERMINAL BRASS, CHROMATE FINISH, PCB TERMINAL BRASS, ZINC FINISH, PCB TERMINAL
|
WINCHESTER ELECTRONICS CORP
|
PE7396-5 |
5 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
|
Pasternack Enterprises, Inc.
|
PE7396-2 |
2 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
|
Pasternack Enterprises, Inc.
|
PE7396-1 |
1 dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
|
Pasternack Enterprises, Inc.
|
PE7396-4 |
dB Fixed Attenuator, 75 Ohm F Male To 75 Ohm F Female Brass Tri-Metal Body
|
Pasternack Enterprises, Inc.
|
|